Part Number Hot Search : 
UC384 FS52N15 S05K230 DS1922T E101M S6022 RBM2S PNX7850
Product Description
Full Text Search
 

To Download B59890C0120A470 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Overcurrent Protection Leaded Disks, Coated, 230 V
Applications
I Overcurrent and short-circuit protection
B598** C 810 ... C 890
b
5 max.
I Lead-free terminals I Manufacturer's logo and type designation I Short response times I Reduced device temperature at V max I Type C 860, C 870 and C 890 also available
with insulating voltage test to IEC 60738-1 I UL approval for TRef = 130 C to UL 1434 with Vmax = 220 V and V N = 220 V (file number E69802), except C 810 and PTCs with insulating voltage test I UL approval for TRef = 120 C to UL 1434 with Vmax = 230 V and V N = 220 V (file number E69802), except for PTCs with insulating voltage test I VDE approval (license number 104843 E), except PTCs with insulating voltage test (VDE pending) and C 810 Options
I Leadless disks and leaded disks without
5
35 min.
stamped on
h
Features
od
TPT0648-4
Dimensions (mm) Type C 810 C 830 C 830 C 840 C 840 C 850 C 850 C 860 C 860 C 870 C 870 C 872 C 873 C 874 C 875 C 880 C 880 C 883 C 890 TRef 80/130 C 80/120 C 80/130 C 80/120 C 80/130 C 80/120 C 80/130 C 80/120 C 80/130 C 80/120 C 80/130 C 80/120 C 80/120 C 80/120 C 80/120 C 80/120 C 80/130 C 80/120 C 80/120 C bmax 22,0 22,0 17,5 17,5 13,5 13,5 11,0 11,0 9,0 9,0 6,5 9,0 9,0 9,0 9,0 6,5 4,0 6,5 4,0
coating available on request
I Thermistors with diameter b 11,0 mm
are also available on tape (to IEC 60286-2) Delivery mode
I Cardboard strips (standard) I Cardboard tape reeled or
in AMMO pack on request General technical data Max. operating voltage (TA = 60 C) Rated voltage Switching cycles (typ.) Resistance tolerance Vmax VN N R N
d 0,8 0,6 0,8 0,6 0,6 0,6 0,6 0,6 0,6 0,6 0,6 0,6 0,6 0,6 0,6 0,6 0,6 0,6 0,5
hmax 25,5 25,5 21,0 21,0 17,0 17,0 14,5 14,5 12,5 12,5 10,0 12,5 12,5 12,5 12,5 10,0 7,5 10,0 7,5
Operating temperature range (V = 0) (V = Vmax)
Top Top
265 230 100 25 % for TRef = 80 C or 120 C 20 % for TRef = 130 C - 40/+ 125 0/+ 60
VDC or VAC VDC or VAC
C C
74
10/02
Overcurrent Protection Leaded Disks, Coated, 230 V
Electrical specifications and ordering codes ISmax (V=V max) mA mA A C 810 650 980 7,0 C 830 460 920 7,0 C 830 450 680 4,1 C 840 330 660 4,1 C 840 330 500 2,2 C 830 250 510 7,0 C 850 200 400 2,2 C 850 200 320 1,5 C 840 170 350 4,1 C 860 140 280 1,5 C 860 140 230 1,0 C 850 110 230 2,2 C 870 100 200 1,0 C 870 100 150 0,4 C 860 90 180 1,5 C 872 80 160 1,0 C 873 70 140 1,0 C 874 60 125 1,0 C 870 60 130 1,0 C 880 55 110 0,4 C 875 55 110 1,0 C 880 55 90 0,2 C 883 35 70 0,4 C 890 30 60 0,2 C 880 30 70 0,4 C 890 15 40 0,2 Insulating voltage test (265 Vrms) C 860 140 280 1,5 C 870 100 200 1,0 C 890 30 60 0,2 Type IN IS Ir (typ.) (V=Vmax) mA 20 20 15 15 13 15 13 10 10 10 9 8 9 6 6 9 9 9 5 6 9 5 5 5 4 3 10 9 5 Tref RN Rmin
B598** C 810 ... C 890
Ordering code
C 130 120 130 120 130 80 120 130 80 120 130 80 120 130 80 120 120 120 80 120 120 130 120 120 80 80
120 120 120
3,5 3,7 5 6 9 3,7 10 13 6 15 25 10 25 50 15 35 45 55 25 70 65 160 120 150 70 150 15 25 150
2,3 2,4 3,3 3,8 5,9 2,2 6,4 8,6 3,6 9,0 16,5 6,0 15 33 7,8 21 27 31 13,1 39 36 106 67 84 36,7 78,7 9,0 15 84 B59810C0130A070 B59830C0120A070 B59830C0130A070 B59840C0120A070 B59840C0130A070 B59830C0080A070 B59850C0120A070 B59850C0130A070 B59840C0080A070 B59860C0120A070 B59860C0130A070 B59850C0080A070 B59870C0120A070 B59870C0130A070 B59860C0080A070 B59872C0120A070 B59873C0120A070 B59874C0120A070 B59870C0080A070 B59880C0120A070 B59875C0120A070 B59880C0130A070 B59883C0120A070 B59890C0120A070 B59880C0080A070 B59890C0080A070 B59860C0120A4701) B59870C0120A4701) B59890C0120A4701)
1) Insulating voltage test (265 Vrms) to IEC 60738-1, chapter 4.8, metall ball method.
75
10/02
Overcurrent Protection Leaded Disks, Coated, 230 V
Reliability data Test Switching test at room temperature Dry heat at upper category temperature Life test at V max /Top Storage in damp heat Standard IEC 60738-1 Test conditions ISmax V max Number of cycles: 100
B598** C 810 ... C 890
|R25 /R25 | < 25%
IEC 60738-1
Storage at upper category temperature < 25% for t : 1000 h Storage at V max /Top for t : 1000 h Temperature of air: 40 C Relative humidity of air: 93% Duration: 56 days T = TLCT, T = TUCT Number of cycles: 5 t : 30 min f = 10-55 Hz h = 0,75 mm (respectively 10 g) t: 3 * 2 h Pulse shape: half-sine a : = 50 g Pulse duration: 1 ms; 6 * 3 pulses Dry heat: T = TUCT t : 16 h Damp heat first cycle Cold: T = TLCT t: 2 h Damp heat 5 cycles < 25% < 10%
IEC 60738-1 IEC 60068-2-3
Rapid change of temperature in air Vibration
IEC 60068-2-14, Test N a IEC 60068-2-6, Test FC IEC 60068-2-27
< 10%
< 5%
Bump
< 5%
Climatic sequence
IEC 60068-2-30
< 10%
76
10/02
Overcurrent Protection Leaded Disks, Coated, 230 V
B598** C 810 ... C 890
Characteristics (typical) for TRef = 80 C PTC resistance RPTC versus PTC temperature TPTC (measured at low signal voltage)
10 7 R PTC
TPT0721-8
PTC current IPTC versus PTC voltage VPTC (measured at 25 C in still air)
10 3 mA 5
TPT0722-G
I PTC
10 5 10 4 10 3 10 2 10 1 10 0 B59830C0080A070 B59840C0080A070 B59850C0080A070 0 50 100 150 200 C 250 TPTC
10 1 5 10 2 5
B59830C0080A070 B59840C0080A070 B59850C0080A070
0,1
1
10
100
V 1000 VPTC
Switching time tS versus switching current IS (measured at 25 C in still air)
10 3 tS s
TPT0723-P
Rated current IN versus ambient temperature TA (measured in still air)
I N, TA 2,0
TPT0756-7
I N, 25 C 1,6
10 2
1,4
B59830C0080A070 B59840C0080A070 B59850C0080A070
1,2 1,0 0,8 0,6
10 1
10 0
0,4 0,2
10
_1
0
2
4
6
8
10
12 A 14 IS
0 _
20 0
20 40 60 80 100 120 C 160 TA
77
10/02
Overcurrent Protection Leaded Disks, Coated, 230 V
B598** C 810 ... C 890
Characteristics (typical) for TRef = 80 C PTC resistance RPTC versus PTC temperature TPTC (measured at low signal voltage)
10 8 R PTC
TPT0760-T
PTC current IPTC versus PTC voltage VPTC (measured at 25 C in still air)
5 mA
TPT0762-A
I PTC
10 6 10 5 10 4
10 2 5
B59860C0080A070 B59870C0080A070 B59880C0080A070 B59890C0080A070
10 1
10 3 10 2 10 1 B59860C0080A070 B59870C0080A070 B59880C0080A070 B59890C0080A070 0 50 100 150 200 C 250 TPTC
5
10 0 0,1
1
10
100
V 1000 VPTC
Switching time tS versus switching current IS (measured at 25 C in still air)
10 3 tS s
TPT0761-2
Rated current IN versus ambient temperature TA (measured in still air)
I N, TA 2,0
TPT0756-7
I N, 25 C 1,6
B59860C0080A070 B59870C0080A070 B59880C0080A070 B59890C0080A070
10 2
1,4 1,2 1,0 0,8
10 1
10 0
0,6 0,4 0,2
10
_1
0
0,4
0,8
1,2
1,6
2,0
2,4 A 2,8 IS
0 _
20 0
20 40 60 80 100 120 C 160 TA
78
10/02
Overcurrent Protection Leaded Disks, Coated, 230 V
B598** C 810 ... C 890
Characteristics (typical) for TRef = 120 C PTC resistance RPTC versus PTC temperature TPTC (measured at low signal voltage)
10 7 R PTC
TPT0724-X
PTC current IPTC versus PTC voltage VPTC (measured at 25 C in still air)
2 mA
TPT0726-E
B59860C0120A070 B59860C0120A470
I PTC
5
10 5 10 4 10 3 10 2 10 1 10 0 B59830C0120A070 0 50 100 150 200 C 250 TPTC B59840C0120A070 B59850C0120A070
10 2 5 B59830C0120A070 B59840C0120A070 B59850C0120A070 B59860C0120A070 B59860C0120A470 1 10 100 V 1000 V PTC
10 1 5 0,1
Switching time tS versus switching current IS (measured at 25 C in still air)
10 3 tS s
TPT0725-6
Rated current IN versus ambient temperature TA (measured in still air)
I N, TA 2,0
TPT0731-F
I N, 25 C 1,6
B59830C0120A070 B59840C0120A070 B59850C0120A070 B59860C0120A070 B59860C0120A470
10 2
1,4 1,2 1,0 0,8
10 1
10 0
0,6 0,4 0,2
10
_1
0
4
8
12
A 16 IS
0 _
20 0
20 40 60 80 100 120 C 160 TA
79
10/02
Overcurrent Protection Leaded Disks, Coated, 230 V
B598** C 810 ... C 890
Characteristics (typical) for TRef = 120 C PTC resistance RPTC versus PTC temperature TPTC (measured at low signal voltage)
10 8 R PTC
TPT0763-I
PTC current IPTC versus PTC voltage VPTC (measured at 25 C in still air)
5 mA
TPT0765-Z
10 6 10 5 10 4
B59870C0120A070 B59870C0120A470 B59872C0120A070 B59873C0120A070 B59874C0120A070
I PTC
10 2 5
10 1
10 3 10 2 10 1
5
B59870C0120A070 B59870C0120A470 B59872C0120A070 B59873C0120A070 B59874C0120A070
0
50
100
150
200
C 300 TPTC
10 0 0,1
1
10
100
V 1000 VPTC
Switching time tS versus switching current IS (measured at 25 C in still air)
10 3 tS s
TPT0764-R
Rated current IN versus ambient temperature TA (measured in still air)
I N, TA 2,0
TPT0731-F
I N, 25 C 1,6 1,4 1,2
10 2
10
1
B59870C0120A070 B59870C0120A470 B59872C0120A070 B59873C0120A070 B59874C0120A070
1,0 0,8 0,6 0,4 0,2
10 0
10
_1
0
0,5
1
1,5
2
2,5
3 A 3,5 IS
0 _
20 0
20 40 60 80 100 120 C 160 TA
80
10/02
Overcurrent Protection Leaded Disks, Coated, 230 V
B598** C 810 ... C 890
Characteristics (typical) for TRef = 120 C PTC resistance RPTC versus PTC temperature TPTC (measured at low signal voltage)
10 8 R PTC
TPT0766-8
PTC current IPTC versus PTC voltage VPTC (measured at 25 C in still air)
5 mA
TPT0768-P
10 6 10 5 10 4
B59875C0120A070 B59880C0120A070 B59883C0120A070 B59890C0120A070 B59890C0120A470
I PTC
10 2 5
10 1
10 3 10 2 10 1
5
B59875C0120A070 B59880C0120A070 B59883C0120A070 B59890C0120A070 B59890C0120A470 1 10 100 V 1000 VPTC
0
50
100
150
200 C 250 TPTC
10 0 0,1
Switching time tS versus switching current IS (measured at 25 C in still air)
10 3 tS s
TPT0767-G
Rated current IN versus ambient temperature TA (measured in still air)
I N, TA 2,0
TPT0731-F
I N, 25 C 1,6 1,4
B59875C0120A070 B59880C0120A070 B59883C0120A070 B59890C0120A070 B59890C0120A470
10 2
1,2 1,0 0,8 0,6 0,4 0,2
10 1
10 0
10
_1
0
0,4
0,8
1,2
A 1,6 IS
0 _
20 0
20 40 60 80 100 120 C 160 TA
81
10/02
Overcurrent Protection Leaded Disks, Coated, 230 V
B598** C 810 ... C 890
Characteristics (typical) for TRef = 130 C PTC resistance RPTC versus PTC temperature TPTC (measured at low signal voltage)
10 7 B59810C0130A070 B59830C0130A070 B59840C0130A070 B59850C0130A070
TPT0584-T
PTC current IPTC versus PTC voltage VPTC (measured at 25 C in still air)
10 3 mA
TPT0586-A
R PTC 10 6 10 5 10 4 10 3
PTC
10 2
10 1
10 2 10 1 10 0 0
B59810C0130A070 B59830C0130A070 B59840C0130A070 B59850C0130A070
50
100
150
200
250 C 300 T PTC
10 0 _1 10
10 0
10 1
10 2
V 10 3 V PTC
Switching time tS versus switching current IS (measured at 25 C in still air)
10 3 s
TPT0588-R
Rated current IN versus ambient temperature TA (measured in still air)
N ,TA
1,4
TPT0590-3
tS
N, 25 C
1
10 2 B59810C0130A070 B59830C0130A070 B59840C0130A070 B59850C0130A070 10
1
0,8 0,6 0,4 0,2
10 0 0
2
4
6
A 8 S
0 _
20 0
20 40 60 80 100 120 C 160 TA
82
10/02
Overcurrent Protection Leaded Disks, Coated, 230 V
B598** C 810 ... C 890
Characteristics (typical) for TRef = 130 C PTC resistance RPTC versus PTC temperature TPTC (measured at low signal voltage)
10 8 B59860C0130A070 B59870C0130A070 B59880C0130A070
TPT0585-2
PTC current IPTC versus PTC voltage VPTC (measured at 25 C in still air)
10 3 mA
TPT0587-J
R PTC
PTC
10 6 10 5 10 4 10 3 10 2 10 1 10 0 0
10 2 5
10 1 5 B59860C0130A070 B59870C0130A070 B59880C0130A070
10 0 5
_1
50
100
150
200
250 C 300 T PTC
10
10
_1
10 0
10 1
10 2
V 10 3 VPTC
Switching time tS versus switching current IS (measured at 25 C in still air)
10 3 s
TPT0589-Z
Rated current IN versus ambient temperature TA (measured in still air)
N ,TA
1,4
TPT0590-3
tS
N, 25 C
10 2
1 0,8
B59860C0130A070 B59870C0130A070 B59880C0130A070 10 1
0,6 0,4 0,2
10 0 0
0,25
0,5
0,75
A 1,0 S
0 _
20 0
20 40 60 80 100 120 C 160 TA
83
10/02
Herausgegeben von EPCOS AG Unternehmenskommunikation, Postfach 80 17 09, 81617 Munchen, DEUTSCHLAND ++49 89 636 09, FAX (0 89) 636-2 26 89
(
EPCOS AG 2002. Vervielfaltigung, Veroffentlichung, Verbreitung und Verwertung dieser Broschure und ihres Inhalts ohne ausdruckliche Genehmigung der EPCOS AG nicht gestattet.
Bestellungen unterliegen den vom ZVEI empfohlenen Allgemeinen Lieferbedingungen fur Erzeugnisse und Leistungen der Elektroindustrie, soweit nichts anderes vereinbart wird. Diese Broschure ersetzt die vorige Ausgabe. Fragen uber Technik, Preise und Liefermoglichkeiten richten Sie bitte an den Ihnen nachstgelegenen Vertrieb der EPCOS AG oder an unsere Vertriebsgesellschaften im Ausland. Bauelemente konnen aufgrund technischer Erfordernisse Gefahrstoffe enthalten. Auskunfte daruber bitten wir unter Angabe des betreffenden Typs ebenfalls uber die zustandige Vertriebsgesellschaft einzuholen. Published by EPCOS AG Corporate Communications, P.O. Box 80 17 09, 81617 Munich, GERMANY ++49 89 636 09, FAX (0 89) 636-2 26 89
EPCOS AG 2002. Reproduction, publication and dissemination of this brochure and the information contained therein without EPCOS' prior express consent is prohibited.
Purchase orders are subject to the General Conditions for the Supply of Products and Services of the Electrical and Electronics Industry recommended by the ZVEI (German Electrical and Electronic Manufacturers' Association), unless otherwise agreed. This brochure replaces the previous edition. For questions on technology, prices and delivery please contact the Sales Offices of EPCOS AG or the international Representatives. Due to technical requirements components may contain dangerous substances. For information on the type in question please also contact one of our Sales Offices.
(


▲Up To Search▲   

 
Price & Availability of B59890C0120A470

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X